Part Number Hot Search : 
N6302 C5121 500RL F06T4 MAE13030 HT9274 SBS00 T4005
Product Description
Full Text Search
 

To Download MMSZ5226ET1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 february, 2012 ? rev. 8 1 publication order number: mmsz5221et1/d mmsz52xxet1g series, szmmsz52xxet1g series zener voltage regulators 500 mw sod ? 123 surface mount three complete series of zener diodes are offered in the convenient, surface mount plastic sod ? 123 package. these devices provide a convenient alternative to the leadless 34 ? package style. features ? 500 mw rating on fr ? 4 or fr ? 5 board ? wide zener reverse voltage range ? 2.4 v to 110 v ? package designed for optimal automated board assembly ? small package size for high density applications ? general purpose, medium current ? esd rating of class 3 (> 16 kv) per human body model ? peak power ? 225 w (8 x 20  s) ? sz prefix for automotive and other applications requiring unique site and control change requirements; aec ? q101 qualified and ppap capable ? pb ? free packages are available* mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic case finish: corrosion resistant finish, easily solderable maximum case temperature for soldering purposes: 260 ? c for 10 seconds polarity: cathode indicated by polarity band flammability rating: ul 94 v ? 0 maximum ratings rating symbol max units peak power dissipation @ 20  s (note 1) @ t l ? 25 ? c p pk 225 w total power dissipation on fr ? 5 board, (note 3) @ t l = 75 ? c derated above 75 ? c p d 500 6.7 mw mw/ ? c thermal resistance, (note 2) junction ? to ? ambient r  ja 340 ? c/w thermal resistance, (note 2) junction ? to ? lead r  jl 150 ? c/w junction and storage temperature range t j , t stg ? 55 to +150 ? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. nonrepetitive current pulse per figure 11. 2. thermal resistance measurement obtained via infrared scan method. 3. fr ? 5 = 3.5 x 1.5 inches, using the minimum recommended footprint. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. sod ? 123 case 425 style 1 1 cathode 2 anode see specific marking information in the device marking column of the electrical characteristics table on page 2 of this data sheet. device marking information http://onsemi.com device package shipping ? ordering information marking diagram ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. mmsz52xxet1g sod ? 123 (pb ? free) 3,000 / tape & reel mmsz52xxet3g sod ? 123 (pb ? free) 10,000 / tape & reel xxx = device code (refer to page 2) m = date code  = pb ? free package (note: microdot may be in either location) xxx m   1 szmmsz52xxet1g sod ? 123 (pb ? free) 3,000 / tape & reel
mmsz52xxet1g series, szmmsz52xxet1g series http://onsemi.com 2 electrical characteristics (t a = 25 ? c unless otherwise noted, v f = 0.95 v max. @ i f = 10 ma) symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r reverse voltage i f forward current v f forward voltage @ i f zener voltage regulator i f v i i r i zt v r v z v f electrical characteristics (t a = 25 ? c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma) device* device marking zener voltage (notes 4 and 5) zener impedance (note 6) leakage current v z (v) @ i zt z zt @ i zt z zk @ i zk i r @ v r min nom max ma   ma  a v mmsz5221et1g ca1 2.28 2.4 2.52 20 30 1200 0.25 100 1 mmsz5223et1g ca3 2.57 2.7 2.84 20 30 1300 0.25 75 1 MMSZ5226ET1G ca6 3.14 3.3 3.47 20 28 1600 0.25 25 1 mmsz5228et1g ca8 3.71 3.9 4.10 20 23 1900 0.25 10 1 mmsz5229et1g ca9 4.09 4.3 4.52 20 22 2000 0.25 5 1 mmsz5231et1g cb2 4.85 5.1 5.36 20 17 1600 0.25 5 2 mmsz5232et1g cb3 5.32 5.6 5.88 20 11 1600 0.25 5 3 mmsz5234et1g cb5 5.89 6.2 6.51 20 7 1000 0.25 5 4 mmsz5235et1g cb6 6.46 6.8 7.14 20 5 750 0.25 3 5 mmsz5236et1g cb7 7.13 7.5 7.88 20 6 500 0.25 3 6 mmsz5237et1g cb8 7.79 8.2 8.61 20 8 500 0.25 3 6.5 mmsz5240et1g cc2 9.50 10 10.50 20 17 600 0.25 3 8 mmsz5242et1g cc4 11.40 12 12.60 20 30 600 0.25 1 9.1 mmsz5243et1g cc5 12.35 13 13.65 9.5 13 600 0.25 0.5 9.9 mmsz5244et1g cc6 13.30 14 14.70 9.0 15 600 0.25 0.1 10 mmsz5245et1g cc7 14.25 15 15.75 8.5 16 600 0.25 0.1 11 mmsz5246et1g cc8 15.20 16 16.80 7.8 17 600 0.25 0.1 12 mmsz5248et1g cd1 17.10 18 18.90 7.0 21 600 0.25 0.1 14 mmsz5250et1g cd3 19.00 20 21.00 6.2 25 600 0.25 0.1 15 mmsz5252et1g cd5 22.80 24 25.20 5.2 33 600 0.25 0.1 18 4. the type numbers shown have a standard tolerance of ? 5% on the nominal zener voltage. 5. nominal zener voltage is measured with the device junction in thermal equilibrium at t l = 30 ? c ? 1 ? c. 6. z zt and z zk are measured by dividing the ac voltage drop across the device by the ac current applied. the specified limits are for i z(ac) = 0.1 i z(dc) with the ac frequency = 1 khz. *include sz-prefix devices where applicable
mmsz52xxet1g series, szmmsz52xxet1g series http://onsemi.com 3 electrical characteristics (t a = 25 ? c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma) device* leakage current zener impedance (note 6) zener voltage (notes 4 and 5) device marking device* i r @ v r z zk @ i zk z zt @ i zt @ i zt v z (v) device marking device* v  a ma   ma max nom min device marking mmsz5253et1g cd6 23.75 25 26.25 5.0 35 600 0.25 0.1 19 mmsz5254et1g cd7 25.65 27 28.35 4.6 41 600 0.25 0.1 21 mmsz5255et1g cd8 26.60 28 29.40 4.5 44 600 0.25 0.1 21 mmsz5256et1g cd9 28.50 30 31.50 4.2 49 600 0.25 0.1 23 mmsz5257et1g ce1 31.35 33 34.65 3.8 58 700 0.25 0.1 25 mmsz5258et1g ce2 34.20 36 37.80 3.4 70 700 0.25 0.1 27 mmsz5259et1g ce3 37.05 39 40.95 3.2 80 800 0.25 0.1 30 mmsz5262et1g ce6 48.45 51 53.55 2.5 125 1100 0.25 0.1 39 mmsz5263et1g ce7 53.20 56 58.80 2.2 150 1300 0.25 0.1 43 4. the type numbers shown have a standard tolerance of ? 5% on the nominal zener voltage. 5. nominal zener voltage is measured with the device junction in thermal equilibrium at t l = 30 ? c ? 1 ? c. 6. z zt and z zk are measured by dividing the ac voltage drop across the device by the ac current applied. the specified limits are for i z(ac) = 0.1 i z(dc) with the ac frequency = 1 khz. *include sz-prefix devices where applicable
mmsz52xxet1g series, szmmsz52xxet1g series http://onsemi.com 4 typical characteristics v z , nominal zener voltage (v) ? 3 ? 2 ? 1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 figure 1. temperature coefficients (temperature range ? 55 ? c to +150 ? c) typical t c values for mmsz5221bt1g series v z @ i zt 100 10 1 10 100 v z , nominal zener voltage (v) figure 2. temperature coefficients (temperature range ? 55 ? c to +150 ? c) v z @ i zt 1.2 1.0 0.8 0.6 0.4 0.2 0 150 125 100 75 50 25 0 t, temperature ( ? c) figure 3. steady state power derating p d versus t a p d versus t l 0.1 pw, pulse width (ms) figure 4. maximum nonrepetitive surge power 1 10 100 1000 1000 100 10 1 rectangular waveform, t a = 25 ? c 100 v z , nominal zener voltage figure 5. effect of zener voltage on zener impedance 10 1 1000 100 10 1 t j = 25 ? c i z(ac) = 0.1 i z(dc) f = 1 khz i z = 1 ma 5 ma 20 ma v f , forward voltage (v) figure 6. typical forward voltage 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 v (mmsz5267bt1) 91 v (mmsz5270bt1) 150 ? c 75 ? c 25 ? c 0 ? c typical t c values for mmsz5221bt1g series  vz , temperature coefficient (mv/ ? c)  vz , temperature coefficient (mv/ ? c) p pk , peak surge power (watts) z zt , dynamic impedance (  ) i f , forward current (ma) p d , power dissipation (watts)
mmsz52xxet1g series, szmmsz52xxet1g series http://onsemi.com 5 typical characteristics c, capacitance (pf) 100 v z , nominal zener voltage (v) figure 7. typical capacitance 1000 100 10 1 10 1 bias at 50% of v z nom t a = 25 ? c 0 v bias 1 v bias 12 v z , zener voltage (v) 100 10 1 0.1 0.01 10 8 6 4 2 0 t a = 25 ? c v z , zener voltage (v) 100 10 1 0.1 0.01 10 30 50 70 90 t a = 25 ? c 90 v z , nominal zener voltage (v) figure 8. typical leakage current 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 +150 ? c +25 ? c ? 55 ? c figure 9. zener voltage versus zener current (v z up to 12 v) figure 10. zener voltage versus zener current (12 v to 91 v) i r , leakage current (  a) i z , zener current (ma) i z , zener current (ma) 100 figure 11. 8 ? 20  s pulse waveform 90 80 70 60 50 40 30 20 10 0 020406080 t, time (  s) t p t r pulse width (t p ) is defined as that point where the peak current decay = 8  s half value i rsm /2 @ 20  s % of peak pulse current peak value i rsm @ 8  s
mmsz52xxet1g series, szmmsz52xxet1g series http://onsemi.com 6 package dimensions sod ? 123 case 425 ? 04 issue g notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. aaaa aaaa e b d a l c 1 2 a1 dim min nom max millimeters inches a 0.94 1.17 1.35 0.037 a1 0.00 0.05 0.10 0.000 b 0.51 0.61 0.71 0.020 c 1.60 0.15 0.055 d 1.40 1.80 e 2.54 2.69 2.84 0.100 --- 3.68 0.140 l 0.25 3.86 0.010 h e 0.046 0.002 0.024 0.063 0.106 0.145 0.053 0.004 0.028 0.071 0.112 0.152 min nom max 3.56 h e --- --- --- 0.006 --- --- --- --- *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* style 1: pin 1. cathode 2. anode 1.22 0.048  mm inches  scale 10:1  --- ---  00 10 10 ??? ? on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mmsz5221et1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MMSZ5226ET1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X